PART |
Description |
Maker |
PC1414SR |
The PC1414SR combines a 14,400 bps data modem
|
ETC[ETC]
|
AN4207 |
The STM32F37x series of microcontrollers combines
|
STMicroelectronics
|
MCP3201-CI/SN MCP3201-CI/ST MCP3201-CI/P MCP3201-B |
The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3201 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3201 features a successive approximation register (SAR)
|
Microchip
|
MCP3204-CI/P MCP3204-CI/SL MCP3204-CI/ST MCP3208-C |
The MCP3204 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3208 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ...
|
Microchip
|
IRF6621 |
The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
|
IRF[International Rectifier]
|
TC1305 TC1305R-DVUN |
The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed specifically for battery-operated systems, the device’s CMOS construction eliminates wasted ground curre Dual 150mA CMOS LDO With Select Mode⑩ Operation, Shutdown and Independent RESET Output Dual 150mA CMOS LDO With Select Mode Operation, Shutdown and Independent RESET Output The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed ...
|
MICROCHIP[Microchip Technology]
|
RXO7050P |
The RXO7050P XO combines very low RMS phase jitter and tight frequency stability
|
TEMEX
|
MCP3004 MCP300X MCP3001 MCP3002 MCP3008 |
The MCP3008 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3008 features a successive approximation register (SAR) The MCP3004 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3004 features a successive approximation register (SAR) The MCP3002 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3002 features a successive approximation register (SAR) MCP300X 10-Bit Analog-to-Digital Converters
|
ETC MICROCHIP[Microchip Technology]
|
MCP3202 |
The MCP3202 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3202 features a successive approximation register (SAR)
|
Microchip
|
TC1306 TC1306R-BDVUA |
The TC1306 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 8-Pin MSOP package. Designed specifically for battery-operated systems, the device’s CMOS construction eliminates wasted ground curren Dual 150mA CMOS LDOWith Select Mode Operation, Shutdown and RESET Output Dual 150mA CMOS LDOWith Select Mode⑩ Operation, Shutdown and RESET Output Dual 150mA CMOS LDOWith Select ModeOperation, Shutdown and RESET Output Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-19
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
HCS410 HCS412 HCS200 HCS201 HCS300 HCS301 HCS320 H |
The HCS410 is a code hopping transponder device designed for secure entry systems. The HCS410 utilizes the patented KEELOQ® code hopping system and bi-directional challenge-and-response for logical and physical access control. High se The HCS412 combines the patented KEELOQ® code hopping technology and bi-directional transponder challenge-and-response security into a single chip solution for logical and physical access control. High security learning mechanisms mak The HCS200 is a code hopping encoder designed for Remote Keyless Entry (RKE) systems. The HCS200 utilizes Microchip’s patented KEELOQ® code hopping technology, which incorporates high security, a small package outline and low co The HCS201 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS201 utilizes Microchip’s patented KEELOQ® code hopping technology, which incorporates high security, a small package outline and The HCS300 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS300 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline and low The HCS301 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS301 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low The HCS320 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS320 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low The HCS473 combines the patented KEELOQ® code hopping technology and bi-directional transponder challenge-and-response security into a single chip solution for logical and physical access control. High security learning mechanisms mak The HSC500 is a code hopping decoder designed for secure Remote Keyless Entry (RKE) systems. The HCS500 utilizes the patented KEELOQ® code-hopping system and high security learning mechanisms to make this a canned solution when used w The HSC512 is a code hopping decoder designed for secure Remote Keyless Entry (RKE) systems. The HCS512 utilizes the patented KEELOQ® code-hopping system and high security learning mechanisms to make this a canned solution when used w The HSC515 is a code hopping decoder designed for secure Remote Keyless Entry (RKE) systems. The HCS515 utilizes the patented KEELOQ® code-hopping system and high security learning mechanisms to make this a canned solution when used w The HCS360 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS360 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low The HCS361 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS361 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low The HCS362 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS362 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low The HCS365 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS365 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low The HCS370 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS370 utilizes Microchip’s patented KEELOQ® hopping technology, which incorporates high security, a small package outline, and low
|
Microchip
|
MI-253-MW MI-253-MV MI-253-MY MI-253-MX MI-25Y-MW |
MICRO 25 SKT 24" RBW float OSC 5V SMT 7X5 CMOS PROGRM 军事的DC - DC转换000W Micro 21 Pin Sod Jackp 军事的DC - DC转换000W Military DC-DC Converters 50 to 100W 军事DC - DC转换000W Military DC-DC Converters 50 to 100W 军事的DC - DC转换5000W Multifunction Telecom switch combines two 350V Form A relays and one optocoupler 军事的DC - DC转换000W Single Pole Normally Open: 1-Form-A: Voltage Controlled 军事的DC - DC转换000W XTAL MTL SMT HC49/USM 军事的DC - DC转换000W CRYSTAL 8.000MHZ 18PF FUND SMD 军事的DC - DC转换000W RELAY OPTOMOS 120MA 4PIN SOP 军事的DC - DC转换000W CRYSTAL, 8.00 MHZ, 18 PFHCM49 军事的DC - DC转换000W Dual Pole Normally Open: 2-Form-A 军事的DC - DC转换000W Dual Pole Combination: Form-A & B 军事的DC - DC转换000W Dual Pole Combination: Form-A & B with Current Limiting 军事的DC - DC转换000W Inductor; Inductor Type:Power; Inductance:120nH; Series:CTX; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Reel Quantity:6000 RoHS Compliant: Yes 军事的DC - DC转换000W Replaced by PTH05060W : 军事的DC - DC转换000W LED T1-3/4 ULTRABRT YEL W/STDOFF 军事的DC - DC转换000W LASER MOD 635NM 2.5MW VAR FOCUS 军事的DC - DC转换000W LED ULTRA-BRIGHT RED 军事的DC - DC转换000W LIGHT PIPE CLEAR 1 POS 军事的DC - DC转换000W Military DC-DC Converters 50 to 100W 军事的DC - DC转换000W LIGHT EMITTING DIODE, GREEN 400V, 150mA, 22 1-Form-A relay with an optocoupler RELAY OPTOMOS 100MA SP-NO 6-SMD Dual Pole Normally Closed: 2-Form-B 400V, 150mA, 22 1-Form-A current limited relay with an optocoupler 3V/5V General Purpose Call Progress Tone Detector Dial Pulse Counter and Hook Status Monitor Balanced Dual Coil Telephone Line Current Sensing Relay Dual Pole Combination: Form-A & B LED RED T1 MODULAR DIFFUSED LED YELLOW T1 MODULAR DIFFUSED **** 5.0V OSCILLATORS **** OSC 3.3V SMT 7X5 CMOS PRGM RELAY OPTOMOS 100MA DP 8-SMD RELAY OPTOMOS 100MA DP-NO 8-SMD RELAY OPTOMOS 120MA DP-NC 8-SMD RELAY OPTOMOS 170MA DP 8-SMD Inductor; Inductor Type:Power; Inductance:8.2uH; Series:CTX; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Reel Quantity:6000 RoHS Compliant: Yes D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Wire; D Sub Shell Size:DB15; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackscrew; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Vishay Semiconductors Vicor, Corp. DC/DC变换 ETC[ETC] VICOR[Vicor Corporation] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|